|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1N5225 THRU 1N5267 ZENER DIODES FEATURES DO-35 min. 1.083 (27.5) Silicon Planar Power Zener Diodes Standard Zener voltage tolerance is 5% with a "B" suffix. Other tolerances are available upon request. max. .079 (2.0) Cathode Mark min. 1.083 (27.5) These diodes are also available in Mini-MELF case with the type designation ZMM5225 ... ZMM5267, SOT-23 case with the type designation MMBZ5265 ... MMBZ5267 and SOD-23 case with the types designation MMSZ5225 ... MMSZ5267. max. .150 (3.8) max. .020 (0.52) MECHANICAL DATA Dimensions are in inches and (millimeters) Case: DO-35 Glass Case Weight: approx. 0.13 g MAXIMUM RATINGS Ratings at 25C ambient temperature unless otherwise specified. SYMBOL VALUE UNIT Zener Current (see Table "Characteristics") Power Dissipation at Tamb = 75C Maximum Junction Temperature Storage Temperature Range Ptot Tj TS 500(1) 175 - 65 to +175 mW C C SYMBOL MIN. TYP. MAX. UNIT Thermal Resistance Junction to Ambient Air Forward Voltage at IF = 200 mA RJA VF - - - - 300(1) 1.1 C/W Volts NOTES: Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature. 1/21/99 1N5225 THRU 1N5267 ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. Type 1N5225 1N5226 1N5227 1N5228 1N5229 1N5230 1N5231 1N5232 1N5233 1N5234 1N5235 1N5236 1N5237 1N5238 1N5239 1N5240 1N5241 1N5242 1N5243 1N5244 1N5245 1N5246 1N5247 1N5248 1N5249 1N5250 1N5251 1N5252 1N5253 1N5254 1N5255 1N5256 1N5257 1N5258 1N5259 1N5260 1N5261 1N5262 1N5263 1N5264 1N5265 1N5266 1N5267 Nominal Zener Voltage(3) at IZT VZ (V) 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 Maximum Zener impedance(1) Test Current IZT (mA) at IZT ZZT () 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150 170 185 230 270 at IZK=0.25mA ZZK () 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400 1600 1700 Typical Temperature Coefficient VZ (% / K) - 0.075 -0.070 -0.065 -0.060 -0.055 0.030 0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.062 +0.065 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.086 +0.086 +0.087 +0.087 +0.089 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094 +0.095 +0.095 +0.096 +0.096 +0.097 +0.097 +0.097 +0.098 Maximum Reverse Leakage Current Test Voltage IR (A) 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 VR (V) 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 56 Maximum Regulator Current(2) IZM (mA) 152 138 126 115 106 97 89 81 76 73 67 61 55 52 50 45 41 38 35 32 30 28 27 25 24 23 21 19.1 18.2 16.8 16.2 15.1 13.8 12.6 11.6 10.6 9.7 8.9 - - - - - NOTES: (1) The Zener impedance is derived from the 1 kHz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units (2) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature (3) Measured with device junction in thermal equilibrium RATINGS AND CHARACTERISTIC CURVES 1N5225 THRU 1N5267 |
Price & Availability of 1N5226 |